Part Number Hot Search : 
P1000 24C16 5KP11 5962F9 XXXXXXX6 2C100 SI106 R1200
Product Description
Full Text Search
 

To Download 2SC4081F-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente 2sc4081f 0.15a , 60v npn plastic-encapsulate transistor 19-nov-2013 rev. d page 1 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed individually. top view a l c b d g h j f k e 1 2 3 1 2 3 ? ? base ? ? emitte r collector ? ? rohs compliant product a suffix of ?-c? specifies halogen & lead-free features ? low cob. cob=2.0pf (typ.) ? excellent h fe linearity ? complementary to 2sa1576a classification of h fe product-rank 2sc4081f-q 2sc4081f-r 2sc4081f-s range 120~270 180~390 270~560 marking bq br bs package information package mpq leader size sot-323 3k 7? inch absolute maximum ratings (t a = 25c unless otherwise specified) parameter symbol rating unit collector-base voltage v cbo 60 v collector-emitter voltage v ceo 50 v emitter-base voltage v ebo 7 v collector current i c 150 ma collector power dissipation p c 200 mw junction & storage temperature t j , t stg 150, -55~150 c electrical characteristics (t a = 25c unless otherwise specified) parameter symbol min. typ. max. unit test conditions collector-base breakdown voltage v (br)cbo 60 - - v i c =50 a, i e =0 collector-emitter breakdown voltage v (br)ceo 50 - - v i c =1ma, i b =0 emitter-base breakdown voltage v (br)ebo 7 - - v i e =50 a, i c =0 collector cut-off current i cbo - - 0.1 a v cb =60v, i e =0 emitter cut-off current i ebo - - 0.1 a v eb =7v, i c =0 dc current gain h fe 120 - 560 v ce =6v, i c =1ma collector-emitter saturation voltage v ce(sat) - - 0.4 v i c =50ma, i b =5ma transition frequency f t - 180 - mhz v ce =12v, i c =2ma,f=30mhz collector output capacitance c ob - - 3.5 pf v cb =12v, i e =0, f=1mhz sot-323 millimete r millimete r ref. min. max. ref. min. max. a 1.80 2.20 g 0.100 ref. b 1.80 2.45 h 0.525 ref. c 1.15 1.35 j 0.08 0.25 d 0.80 1.10 k - - e 1.20 1.40 l 0.650 typ. f 0.20 0.40
elektronische bauelemente 2sc4081f 0.15a , 60v npn plastic-encapsulate transistor 19-nov-2013 rev. d page 2 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves
elektronische bauelemente 2sc4081f 0.15a , 60v npn plastic-encapsulate transistor 19-nov-2013 rev. d page 3 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves


▲Up To Search▲   

 
Price & Availability of 2SC4081F-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X